PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
CCASMA-MM-LL142-48 CCASMA-MM-LL142-60 CCASMA-MM-LL |
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
|
CRYSTEK CORPORATION
|
M36W108AT120ZM6T M36W108AB100ZM6T M36W108AT100ZM6T |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid RoHS Compliant: Yes 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product 81兆8,启动块闪存1兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
AS225-313LF AS225-313LF-17 |
PHEMT GaAs IC 1 W Low-Loss 0.1 to 6 GHz SPDT Switch
|
Skyworks Solutions Inc.
|
FMS2021 |
DC- 6 GHZ SPDT WLAN GAAS LOW LOSS SWITCH
|
Filtronic Compound Semiconductors
|
CBL-2FT-NMNM CBL-2FT-SMNM CBL-2FT-SMSM CBL-3FT-NMN |
Coaxial-Flex Test Cables 50?/a> DC to 18 GHz Coaxial-Flex Test Cables 50 DC to 18 GHz AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 10.4, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50з DC to 18 GHz 同轴电缆弯曲试验电缆50зDC8千兆 AC-DC Converter, 250 Watt, Input VAC: 90~260, Output VDC: 3.3, Max Output Current(A): 40, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25??C to 70??C, Low Ripple & Noise, High Efficiency up to 80%, PFC Function, Single Outputs Coaxial-Flex Test Cables 50蟹 DC to 18 GHz
|
http:// Mini-Circuits
|
BLK-18 |
Coaxial DC Block 0.01 to 18 GHz
|
MINI[Mini-Circuits]
|
P05G-CONTACT/M1.5 P05G-CONTACT/F2.5 PO5GJ-HRMJ |
5.8 GHz Mobile Coaxial Connectors
|
Hirose Electric
|
MRF03-6R-SMT-2 MRF03 MRF03-6P-0.8D MRF03-6P-0.8D-2 |
SMT Low-Profile Coaxial Multiple Contact Connectors SMT Low-Profile Coaxial Multiple Contact Connectors 2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, tin, 36 36-way 贴片低轮廓同轴连接器多联 SMT Low-Profile Coaxial Multiple Contact Connectors 贴片低轮廓同轴连接器多联
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
MS-156HF |
Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
|
List of Unclassifed Man...
|
AS002R2-12LF AS002R2-1206 AS002R2-12 AS002R2-12-06 |
GaAs IC SPDT Low-Loss Reflective Switch 300 kHz-2.5 GHz
|
Skyworks Solutions Inc.
|